Part Number Hot Search : 
LN152 AD771 HD74AL 74F57 ONDUC 10017 102M5 IRFZ44VL
Product Description
Full Text Search
 

To Download BZV86 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  , l/ nc. 20 stern ave. springfield, new jersey 07081 u.s.a. telephone: (973) 376-2922 (212)227-6005 fax: (973) 376-8960 low-voltage stabistors BZV86 series features ? low-voltage stabilization ? forward voltage range: 1.4 to 3.2 v ? total power dissipation: max. 330 mw ? differential resistance range: max. 20 to 35 ii. applications ? power clipping ? level shifting ? low-voltage regulation ? temperature stabilization. description low-voltage stabilization diode in a hermetically-sealed sod27 (do-35) glass package. the series consists of four types: BZV86-1v4 to BZV86-3v2. the diodes are type branded. fig.1 simplified outline (sod27; do-35) and symbol. limiting values in accordance with the absolute maximum rating system (iec 134). symbol vr if plot tstg tj parameter continuous reverse voltage continuous forward current BZV86-1v4 BZV86-2vo BZV86-2v6 BZV86-3v2 total power dissipation storage temperature junction temperature conditions tart^s'c min. - - - - - - -65 - max. 10 200 150 125 100 330 +150 150 unit v ma ma ma ma mw c c nj semi-conductors reserves the right to change test conditions, parameter limits and package dimensions without notice. information furnished by nj semi-conductors is believed to be both accurate and reliable at the time of going to press. however, nj semi-conductors assumes no responsibility for any errors or omissions discovered in its use. nj semi-conductors encourages customers to verify that datasheets are current before placing orders. quality semi-conductors
low-voltage stabistors BZV86 series electrical characteristics tj = 25 c unless otherwise specified. symbol vf ir rdif rdif rBZV86-1v4 BZV86-2vo BZV86-2v6 BZV86-3v2 reverse current differential resistance BZV86-1v4 BZV86-2vo BZV86-2v6 BZV86-3v2 differential resistance BZV86-1v4 BZV86-2vo BZV86-2v6 BZV86-3v2 differential resistance BZV86-1v4 BZV86-2vo BZV86-2v6 BZV86-3v2 temperature coefficient BZV86-1v4 BZV86-2vo BZV86-2v6 BZV86-3v2 diode capacitance conditions if = 5 ma; see fig. 2 vr = 5v if = 1 ma; f = 1 khz if = 5 ma; f = 1 khz lf=10ma;f=1 khz if = 5 ma vr = 0 v; f = 1 mhz min. 1.30 1.85 2.35 2.85 - - - - - - - - - - - - - - - - - - typ. - - - - - 55 80 90 100 10 15 18 20 6 8 9 10 -3.8 -6.0 -8.5 -11.5 15 max. 1.50 2.15 2.80 3.45 200 - - - - 20 30 32.5 35 10 15 17.5 20 - - - - 25 unit v v v v na i q n n a a a n a n ii n mv/k mv/k mv/k mv/k pf thermal characteristics symbol r|h j-tp rth j-a parameter thermal resistance from junction to tie-point thermal resistance from junction to ambient conditions 8 mm from the body lead length 10mm value 300 380 unit k/w k/w
low-voltage stabistors BZV86 series package outline -el dimensions in mm. the marking band indicates the cathode. the diodes are type-branded. 25.4 min - 425_ " max" 25.4 min - '0.56 i max fig.3 sod27 (do-35).


▲Up To Search▲   

 
Price & Availability of BZV86

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X